PART |
Description |
Maker |
74AUP1T34GN 74AUP1T34GS 74AUP1T34GX 74AUP1T34-15 |
Low-power dual supply translating buffer
|
NXP Semiconductors
|
MC100LVE210FN MC100E210FN MC100LVE210 |
Low-voltage dual 1:4,1:5 differential fanout buffer ECL/PECL compatible LOW VOLTAGE DUAL 1:4 / 1:5 DIFFERENTIAL FANOUT BUFFER LOW VOLTAGE DUAL 1:4, 1:5 DIFFERENTIAL FANOUT BUFFER 100E SERIES, LOW SKEW CLOCK DRIVER, 9 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PQCC28
|
Motorola, Inc Motorola Mobility Holdings, Inc.
|
TC1029EUA TC1029 TC1029EOA TC1029EPA |
The TC1029 is a dual, CMOS operational amplifier designed for low-power applications. It is designed specifically for operation from ... The TC1029 is a dual, CMOS operational amplifier designed for low-power applications. It is designed specifically for operation from a single supply, however, operation from dual supplies is also possible, and the power supply current drai Linear Building Block - Dual Low Power Op Amp
|
MICROCHIP[Microchip Technology]
|
5962-9318702H4A 5962-9318702H5C 5962-9318702HUC 59 |
Single/Dual/Quad, 28MHz, Low-Noise, Low-Voltage, Precision Op Amps SOT23, Micropower, Single-Supply, Rail-to-Rail I/O Op Amps Single, Dual, Quad, 1.2µA Max, Single-Supply Op Amps High-Output-Drive, Precision, Low-Power, Single-Supply, Rail-to-Rail I/O Op Amps with Shutdown Low-Cost, SOT23, Voltage-Output, High-Side Current-Sense Amplifier Single/Dual/Quad, Wide-Bandwidth, Low-Power, Single-Supply Rail-to-Rail I/O Op Amps SOT23, Rail-to-Rail, Fixed-Gain, Gain Amps/Open-Loop Op Amps X32号的SRAM模块 350MHz/250MHz, 2-Channel Video Multiplexer-Amplifiers X32号的SRAM模块 x32 SRAM Module X32号的SRAM模块
|
Electronic Theatre Controls, Inc. Avago Technologies, Ltd. Bourns, Inc.
|
AD8244 |
Single-Supply, Low Power, Precision FET Input Quad Buffer
|
Analog Devices
|
5962-9458501HYC 5962-9458501HYA 5962-9458502HNC 59 |
Single/Dual/Quad, Low-Cost, UCSP/SOT23, Low-Power, Rail-to-Rail I/O Op Amps x32 EEPROM Module Current-Regulating Hot-Swap Controller with DualSpeed/BiLevel Fault Protection Single/Dual/Quad, Low-Power, Single-Supply, Rail-to-Rail I/O Op Amps with Shutdown 16 x 16 Nonblocking Video Crosspoint Switch with On-Screen Display Insertion and I/O Buffers ADSL Drivers/Receivers for Customer Premise Equipment Low-Cost, UCSP/SOT23, Micropower, High-Side Current-Sense Amplifier with Voltage Output Low-Cost, 3V/ 5V, 620µA, 200MHz, Single-Supply Op Amps with Rail-to-Rail Outputs 1.4W and 1W, Ultra-Small, Audio Power Amplifiers with Shutdown X32号的EEPROM模块 High-Speed, Low-Power, Single-Supply Multichannel, Video Multiplexer-Amplifiers X32号的EEPROM模块
|
Brady, Corp. Chicago Miniature Lighting, LLC
|
HFA1212IB HFA1212 FN3607 HFA1212IP |
Dual 350MHz/ Low Power Closed Loop Buffer Amplifier Dual 350MHz, Low Power Closed Loop Buffer Amplifier From old datasheet system
|
INTERSIL[Intersil Corporation]
|
74AUP2G34GN |
Low-power dual buffer
|
NXP Semiconductors
|
74AUP2G07 |
Low-power dual buffer
|
NXP Semiconductors
|
TS9002IM8TP |
Low-Power Single/Dual-Supply Dual Comparator with Reference
|
Touchstone Semiconductor Inc
|
MAX6400-BMAX6405 MAX6400-MAX6405 MAX6405BS__-T MAX |
100MHz Current Feedback Video Amplifier With Disable; Temperature Range: 0°C to 70°C; Package: 8-SOIC 57MHz, Wideband, Four Quadrant, Voltage Output Analog Multiplier; Temperature Range: -40°C to 85°C; Package: 16-SOIC Low Power UniSLIC14 Family; Temperature Range: -40°C to 85°C; Package: 28-PLCC 1-CHANNEL POWER SUPPLY SUPPORT CKT, PBGA4 110MHz, High Slew Rate, High Output Current Buffer; Temperature Range: 0°C to 70°C; Package: 8-CerDIP 1-CHANNEL POWER SUPPLY SUPPORT CKT, PBGA4 Dual 125MHz Video Current Feedback Amplifier; Temperature Range: -40°C to 85°C; Package: 8-PDIP 1-CHANNEL POWER SUPPLY SUPPORT CKT, PBGA4 3.2 Microsecond Sample and Hold Amplifiers; Temperature Range: 0°C to 70°C; Package: 14-SOIC 1-CHANNEL POWER SUPPLY SUPPORT CKT, PBGA4 Precision Quad Comparators; Temperature Range: 0°C to 70°C; Package: 16-SOIC 1-CHANNEL POWER SUPPLY SUPPORT CKT, PBGA4 1 Microsecond Precision Sample and Hold Amplifier; Temperature Range: 0°C to 70°C; Package: 16-SOIC 1-CHANNEL POWER SUPPLY SUPPORT CKT, PBGA4 Low Power UniSLIC14 Family; Temperature Range: 0°C to 70°C; Package: 28-PLCC 1-CHANNEL POWER SUPPLY SUPPORT CKT, PBGA4 µP Supervisory Circuits in 4-Bump (2 x 2) Chip-Scale Package 1-CHANNEL POWER SUPPLY SUPPORT CKT, PBGA4 120MHz, Low Power, 8x8 Video Crosspoint Switch; Temperature Range: 0°C to 70°C; Package: 44-PLCC 1-CHANNEL POWER SUPPLY SUPPORT CKT, PBGA4 350MHz, 4x1 Video Crosspoint Switch with Synchronous Controls; Temperature Range: 0°C to 70°C; Package: 16-SOIC T&R 400MHz, 4x1 Video Crosspoint Switch; Temperature Range: 0°C to 70°C; Package: 16-QSOP T&R Low Power UniSLIC14 Family; Temperature Range: -40°C to 85°C; Package: 28-SOIC T&R 480MHz, Video Buffer with Output Disable; Temperature Range: 0°C to 70°C; Package: 6-SOT-23 T&R 330MHz, 4x1 Video Crosspoint Switch With Tally Outputs; Temperature Range: 0°C to 70°C; Package: 16-SOIC T&R 480MHz, Video Buffer with Output Disable; Temperature Range: 0°C to 70°C; Package: 8-SOIC T&R Low Cost SLIC For Large Telecom Switches; Temperature Range: 0°C to 70°C; Package: 32-QFN T&R Low Power UniSLIC14 Family; Temperature Range: -40°C to 85°C; Package: 28-PLCC T&R 400MHz, 4x1 Video Crosspoint Switch; Temperature Range: 0°C to 70°C; Package: 14-SOIC T&R Low Cost SLIC For Large Telecom Switches; Temperature Range: 0°C to 70°C; Package: 24-SOIC Low Power UniSLIC14 Family; Temperature Range: -40°C to 85°C; Package: 28-SOIC 480MHz, Video Buffer with Output Disable; Temperature Range: 0°C to 70°C; Package: 8-PDIP TR909 DLC/FLC SLIC With Low Power Standby; Temperature Range: -40°C to 85°C; Package: 28-PLCC μP Supervisory Circuits in 4-Bump (2 x 2) Chip-Scale Package 渭P Supervisory Circuits in 4-Bump (2 x 2) Chip-Scale Package レP Supervisory Circuits in 4-Bump (2 x 2) Chip-Scale Package µP Supervisory Circuits in 4-Bump (2 x 2) Chip-Scale Package
|
MAXIM INTEGRATED PRODUCTS INC 电源管理 Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
TC7MPS3125FTG |
Low Voltage/Low Power 1 3-Bit Dual Supply Bus Transceiver
|
Toshiba Semiconductor
|
|